Part Number Hot Search : 
100M1 1N702A PDSP2113 ISL782 MST5950C PCA4913 GP1U502X HM628512
Product Description
Full Text Search
 

To Download 1N5524 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LOW VOLTAGE AVALANCHE ZENER DIODES HIGH PERFORMANCE: LOW NOISE, LOW LEAKAGE 1N5518 - 1N5546
NOMINAL TEST MAX ZENER MAX REVERSE LEAKAGE MAX NOISE MAX REGULATION MAX . PART ZENER CURRENT IMPEDANCE CURRENT DENSITY AT FACTOR REGULATOR NUMBER VOLTAGE (NOTE 2) (NOTE 3) (NOTE 4) CURRENT (NOTE 1) Vz @ Izt Izt Zzt @ Izt Ir Vr1 Vr2 Iz = 250 A Vz IzL Izm (VOLTS) (mA) (OHMS) (Adc) (VOLTS) (ND V / Hz) (VOLTS) (mAdc) (mAdc) 1N5518 1N5519 1N5520 1N5521 1N5522 1N5523 1N5524 1N5525 1N5526 1N5527 1N5528 1N5529 1N5530 1N5531 1N5532 1N5533 1N5534 1N5535 1N5536 1N5537 1N5538 1N5539 1N5540 1N5541 1N5542 1N5543 1N5544 1N5545 1N5546 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10.0 11.0 12.0 13.0 14.0 15.0 16.0 17.0 18.0 19.0 20.0 22.0 24.0 25.0 28.0 30.0 33.0 20 20 20 20 10 5 3 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 26 24 22 18 22 26 30 30 30 35 40 45 60 80 90 90 100 100 100 100 100 100 100 100 100 100 100 100 100 5.0 3.0 1.0 3.0 2.0 2.0 2.0 1.0 1.0 0.5 0.5 0.1 0.05 0.05 0.05 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.9 0.9 0.9 1.0 1.5 2.0 3.0 4.5 5.5 6.0 6.5 7.0 8.0 9.0 9.5 10.5 11.5 12.5 13.0 14.0 15.0 16.0 17.0 18.0 20.0 21.0 23.0 24.0 28.0 1.0 1.0 1.0 1.5 2.0 2.5 3.5 5.0 6.2 6.8 7.5 8.2 9.1 9.9 10.8 11.7 12.6 13.5 14.4 15.3 16.2 17.1 18.0 19.8 21.6 22.4 25.2 27.0 29.7 0.5 0.5 0.5 0.5 0.5 0.5 1.0 1.0 1.0 2.0 4.0 4.0 4.0 5.0 10.0 15.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 25.0 30.0 35.0 40.0 45.0 50.0 0.90 0.90 0.85 0.75 0.60 0.65 0.30 0.20 0.10 0.05 0.05 0.05 0.10 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.25 0.30 0.35 0.40 0.45 0.50 2.0 2.0 2.0 2.0 1.0 0.25 0.25 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 115 105 98 88 81 75 68 61 56 51 46 42 38 35 32 29 27 25 24 22 21 20 19 17 16 15 14 13 12
1. Package Style DO-7 2. Suffix denotes Vz tolerance: non suffix 20%, A suffix 10%: Ir @ Vr1, Vz, + Vf only. Suffix B 5%: Ir @ Vr2, Vz, Vz, Vf, ND. 3. Measured with 10%, 60 Hz AC superimposed on Izt. 4. Measured from 1000 to 3000 Hz. 5. Difference between Vz at Izt and IzL. 6. Forward Voltage (Vf): If = 200mA, Ta = 25C, Max = 1.1 Vdc.
MILITARY SCREENING AVAILABLE
P.O. BOX 609 * ROCKPORT, MAINE 04856 * 207-236-6076 * FAX 207-236-9558


▲Up To Search▲   

 
Price & Availability of 1N5524

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X